Part Number Hot Search : 
4H560838 5253B 5253B DTM6910 2N6304 M74ALS A8439 CY7C656
Product Description
Full Text Search
 

To Download 1SMB43A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1SMB5.0A THRU 1SMB170A SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS w w w. c e n t r a l s e m i . c o m
DESCRIPTION: The CENTRAL SEMICONDUCTOR 1SMB5.0A Series types are Surface Mount Uni-Directional Glass Passivated Junction Transient Voltage Suppressors designed to protect voltage sensitive components from high voltage transients. THIS DEVICE IS MANUFACTURED WITH A GLASS PASSIVATED CHIP FOR OPTIMUM RELIABILITY. Note: For Bi-directional devices, please refer to the 1SMB5.0CA Series data sheet. MARKING CODE: SEE ELECTRICAL CHARACTERISTICS TABLE
SYMBOL PDM IFSM TJ, Tstg UNITS W A C
SMB CASE
* This series is UL listed, UL file number E130224
MAXIMUM RATINGS: (TA=25C unless otherwise noted) Peak Power Dissipation (Note 1) Peak Forward Surge Current (JEDEC Method) Operating and Storage Junction Temperature
600 100 -65 to +150
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted)
REVERSE STAND-OFF VOLTAGE VRWM (V) 1SMB5.0A 1SMB6.0A 1SMB6.5A 1SMB7.0A 1SMB7.5A 1SMB8.0A 1SMB8.5A 1SMB9.0A 1SMB10A 1SMB11A 1SMB12A 1SMB13A 1SMB14A 1SMB15A 1SMB16A 1SMB17A 1SMB18A 1SMB20A 1SMB22A 1SMB24A 1SMB26A 1SMB28A 1SMB30A 5.0 6.0 6.5 7.0 7.5 8.0 8.5 9.0 10 11 12 13 14 15 16 17 18 20 22 24 26 28 30 BREAKDOWN VOLTAGE VBR @ MIN (V) 6.40 6.67 7.22 7.78 8.33 8.89 9.44 10 11.1 12.2 13.3 14.4 15.6 16.7 17.8 18.9 20 22.2 24.4 26.7 28.9 31.1 33.3 IT MAX (V) 7.25 7.67 8.30 8.95 9.58 10.23 10.82 11.5 12.8 14 15.3 16.5 17.9 19.2 20.5 21.7 23.3 25.5 28 30.7 33.2 35.8 38.3 IT (mA) 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 TEST CURRENT MAXIMUM REVERSE LEAKAGE CURRENT @ VRWM IR (A) 800 800 500 200 100 50 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 MAXIMUM CLAMPING VOLTAGE @ IPP VC (V) 9.2 10.3 11.2 12 12.9 13.6 14.4 15.4 17 18.2 19.9 21.5 23.2 24.4 26 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 PEAK PULSE CURRENT (Note 1) IPP (A) 65.2 58.3 53.6 50 46.5 44.1 41.7 39 35.3 33 30.2 27.9 25.8 24 23.1 21.7 20.5 18.5 16.9 15.4 14.2 13.2 12.4 CKE CKG CKK CKM CKP CKR CKT CKV CKX CKZ CLE CLG CLK CLM CLP CLR CLT CLV CLX CLZ CME CMG CMK
TYPE
MARKING CODE
Notes: (1) Non-repetitive 10x1,000s pulse.
R4 (20-November 2009)
1SMB5.0A THRU 1SMB170A SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
ELECTRICAL CHARACTERISTICS - Continued:
REVERSE STAND-OFF VOLTAGE VRWM (V) 1SMB33A 1SMB36A 1SMB40A 1SMB43A 1SMB45A 1SMB48A 1SMB51A 1SMB54A 1SMB58A 1SMB60A 1SMB64A 1SMB70A 1SMB75A 1SMB78A 1SMB85A 1SMB90A 1SMB100A 1SMB110A 1SMB120A 1SMB130A 1SMB150A 1SMB160A 1SMB170A 33 36 40 43 45 48 51 54 58 60 64 70 75 78 85 90 100 110 120 130 150 160 170 BREAKDOWN VOLTAGE VBR @ MIN (V) 36.7 40 44.4 47.8 50 53.3 56.7 60 64.4 66.7 71.1 77.8 83.3 86.7 94.4 100 111 122 133 144 167 178 189 IT MAX (V) 42.2 46 51.1 54.9 57.5 61.3 65.2 69 74.1 76.7 81.8 89.5 95.8 99.7 108.2 115.5 128 140.5 153 165.5 192.5 205 217.5 IT (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 TEST CURRENT MAXIMUM REVERSE LEAKAGE CURRENT @ VRWM IR (A) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 MAXIMUM CLAMPING VOLTAGE @ IPP VC (V) 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103 113 121 126 137 146 162 177 193 209 243 259 275 PEAK PULSE CURRENT (Note 1) IPP (A) 11.3 10.3 9.3 8.6 8.3 7.7 7.3 6.9 6.4 6.2 5.8 5.3 4.9 4.7 4.4 4.1 3.7 3.4 3.1 2.9 2.5 2.3 2.2 CMM CMP CMR CMT CMV CMX CMZ CNE CNG CNK CNM CNP CNR CNT CNV CNX CNZ CPE CPG CPK CPM CPP CPR
TYPE
MARKING CODE
SMB CASE - MECHANICAL OUTLINE
R4 (20-November 2009)
w w w. c e n t r a l s e m i . c o m
1SMB5.0A THRU 1SMB170A SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
TYPICAL ELECTRICAL CHARACTERISTICS
R4 (20-November 2009)
w w w. c e n t r a l s e m i . c o m


▲Up To Search▲   

 
Price & Availability of 1SMB43A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X